product data sheet part number: C0901A revision level: 00 date: june 23, 2005 3p 24 7/32 tc pe oas pvc computer cable a. construction diameters 1) conductor: #24 awg 7/32 tinned copper 0.024 no m. 2) insulation: 0.015 wall polyethylene 0.054 nom . 3) pairing: 6 conductors into 3 pairs @ 2.00 lhl. 0.133 nom. 4) color code: 1. black paired to white 2. red paired to green 3. blue paired to brown 5) cable: 3 pairs @ 2.00 lhl with aluminum/polypr opylene tape (foil out) & #24 awg 7/32 tc drain wire. 0.197 nom. 6) jacket: 0.032 wall polyvinyl chloride - gray 0 .261 +/- 0.013 7) print legend: carol (r) 24 awg -- C0901A -- 75c e111240-8 cm(ul) c(ul)cmh or 80c awm style 2448 300v low voltage com puter cable -- made in usa (date code) b. industry approvals ul standard 444 type cm (ul) national electrical code article 800 canadian standards association type cmh c(ul) ul subject 758 awm style 2448 c. electrical properties 1) temperature: 75 c/cm, 80c/awm 2) suggested working voltage (vrms): 300 vrms/cm, 30vrms/awm 3) conductor d.c. resistance: 25.7 ohms/1000 ft. n om. @ 20 c 4) shield resistance: 7.2 ohms/1000 ft. nom. @ 20 c 5) mutual capacitance: 14.2 pf/ft. @ 1khz nom. 6) ground capacitance: 25.5 pf/ft. @ 1khz nom. 7) characteristic impedance: 108.8 ohms @ 1 mhz no m. note: data are subject to change without notice. contact your customer service representative for la test information.
|